PART |
Description |
Maker |
UF4004 UF4007 UF4001 UF4002 UF4003 UF4005 UF4006 |
(UF4001 - UF4007) SUPER FAST DIODES
|
LRC[Leshan Radio Company]
|
UF4007 UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 |
(UF4001 - UF4007) 1.0 Ampere Glass Passivated High Efficiency Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
ISL55291IUZ ISL55291IUZ-T13 |
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp DUAL OP-AMP, 800 uV OFFSET-MAX, 800 MHz BAND WIDTH, PDSO10
|
Intersil, Corp.
|
COM5201T COM5234T COM5216T COM5203T COM5217T COM52 |
300V high efficiency, center-tap rectifier 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 100V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 16 Amp, 50 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 50 V,楂??涓???藉ご寮??娴??) 16 Amp, 150 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 150 V,高效中心抽头式整流器) 16安培50伏特,高效率,中心抽头整流器6安培50伏,高效中心抽头式整流器 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 16 Amp, 300 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 300 V,楂??涓???藉ご寮??娴??) 150V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package
|
Omnirel International Rectifier, Corp.
|
ISL88002IE29Z-TK ISL88002IH29Z-T ISL88001IH44Z-T I |
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages; Temperature Range: -40°C to 85°C; Package: 3-SC-70 T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages; Temperature Range: -40°C to 85°C; Package: 3-SOT-23 T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Intersil, Corp. Electronic Theatre Controls, Inc. INTERSIL CORP
|
MAX4291EXK |
Ultra-Small, 1.8V, µPower, Rail-to-Rail I/O Op Amps OP-AMP, 3000 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO5
|
Maxim Integrated Products, Inc.
|
ISL84467IVZ ISL84467IVZ-T ISL84467IRTZ |
Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16 Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TQFN QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC16
|
Intersil Corporation Intersil, Corp.
|
50007M12LNF 50007M12BSLNF 50007PABSLNF 50007PALNF |
GLAND D/TOP M12 3-6.5MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits KABELVERSCHRAUBUNG POLYAMID PG7 GRAU KABELBIEGESCHUTZSPIRALE PG11 GRAU Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M16赛车5 - 10毫米 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits / TOP中M253 - 18毫米 GLAND D/TOP M20 10-14MM
|
3M Company
|
1N5806US 1N5805US JAN1N5802 JAN1N5802US JAN1N5803 |
RECTIFIERS HIGH EFFICIENCY, ESP, 2.5 AMP TO 20 AMP ULTRA FAST MILITARY RECTIFIERS MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP RECTIFIERS HIGH EFFICIENCY ESP 2.5 AMP TO 20 AMP
|
MICROSEMI[Microsemi Corporation]
|
MAX4368 MAX4367 MAX4366EUA MAX4366 MAX4366EBL-T MA |
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown "330mW, Ultra-Small, BTL Audio Amp SHDN Fixed 3V/V Gain"
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SDR9369M SDR936DM |
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER 30放大器至9000纳秒超快速整 30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc. Micron Technology, Inc.
|